Part Number Hot Search : 
CJ110 IR2114 MAH36003 BA6124 TDA7502 P40NF 1SMA5924 ADG604
Product Description
Full Text Search
 

To Download S823 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 High Capacity Standard Size Toggles
GENERAL SPECIFICATIONS FOR S800s ~ S732
Electrical Capacity (Resistive & Inductive Load)
Power Level: Shown in the following tables
Series S
Other Ratings
Contact Resistance: Insulation Resistance: Dielectric Strength: Mechanical Life: Electrical Life: 10 milliohms maximum 1,000 megohms minimum @ 500V DC 2,000V AC minimum for 1 minute minimum for S800s & S800Ds 3,000V AC minimum for 1 minute minimum for S732 50,000 operations minimum 10,000 operations minimum for S800Ds 25,000 operations minimum for S800s & S732
Materials & Finishes
Toggle: Bushing: Case: Case Cover: Movable Contactor Plate: Movable & Stationary Contacts: Common Terminals: Contact Terminals: Brass with nickel plating for S732 Brass with chrome plating for S800s & S800Ds Brass with chrome plating Phenolic resin for S732; melamine phenol for S800s Steel with chromate plating over zinc plating Copper with silver plating Silver alloy capped on copper with silver plating Brass Brass with silver or nickel plating
Environmental Data
Operating Temp Range: -10C through +70C (+14F through +158F)
Installation
Mounting Torque: Maximum Panel Thickness: 2.94Nm (26 lb*in) for double nut Shown beneath panel cutout in switch dimension drawings
Standards & Certifications
UL Recognized: Designated with UL recognized symbol beside part numbers on following pages See Supplement section to find UL rating details. UL File No. WOYR2.E44145 Add "/U" to end of part number to order UL mark on switch. Designated with C-UL recognized symbol beside part numbers on following pages See Supplement section to find C-UL rating details. C-UL File No. WOYR8.E44145 Add "/C-UL" to end of part number to order C-UL mark on switch. Designated with CSA certified symbol beside part numbers on following pages See Supplement section to find CSA rating details. File No. 023535-0-000 Add "/C" to end of part number to order CSA mark on switch.
C-UL Recognized:
CSA Certified:
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com
03-07
High Capacity Standard Size Toggles
DOUBLE POLE WITH SCREW LUG
Toggle Position/Connected Terminals Down
Keyway
Series S
Inductive Motor Load
AC 125V
Electrical Capacity Resistive
AC 125V AC 250V DC 30V DC 125V
Center
Up
Model S821 S822 S823
R
Approvals
R
Pole & Throw DPST DPDT DPDT DPST
3 6
AC 125V PF 0.6
AC 250V PF 0.6
ON ON ON
2-3 5-6 2-3 5-6 2-3 5-6
2 (COM)
NONE NONE OFF
5
OFF ON ON
-- 2-1 5-4 2-1 5-4 DPDT
30A 30A 30A
2 3
30A 30A 30A
(COM) 1 6
30A 30A 30A
5 4
1A 1A 1A
30A 30A 30A
15A 15A 15A
750W -- --
R
R
R
R
Throw & Schematics:
Note: Terminal numbers are on the switch
* Standard Hardware: AT503M Face Hex Nut, AT506 Locking Ring, AT508 Lockwasher, AT527M Backup Hex Nut. See Accessories & Hardware section.
Keyway M12 P1
6 3
M4.5x6
(12.5) Dia .492 (42.0) 1.654 (9.0) .354 (3.0) Dia .118
28 (12.0) Typ .472 (6.1) Dia .240
5 4 2 1
(12.0) .472 (22.0) .866 (12.0) .472 (34.0) 1.339 (24.0) .945
S822
S821 does not have terminals 1 & 4
Maximum Panel Thickness: .177" (4.5mm)
THREE POLE WITH SCREW LUG
Toggle Position/Connected Terminals Down Model S831 S832 S833 Throw & Schematics:
R
Electrical Capacity Resistive
AC 125V AC 250V DC 30V DC 125V
Center
Up
Inductive
AC 125V PF 0.6 AC 250V PF 0.6
Approvals
R
Pole & Throw 3PST 3PDT 3PDT ON ON ON
5 6
Keyway
2-3 5-6 8-9 2-3 5-6 8-9 2-3 5-6 8-9
(COM) 9 8
NONE NONE OFF
OFF ON ON
-- 2-1 5-4 8-7 2-1 5-4 8-7
2 3 1 6 5
30A 30A 30A
(COM) 4 9
30A 30A 30A
8 7
30A 30A 30A
1A 1A 1A
30A 30A 30A
15A 15A 15A
R
R
R
R
3PST
3
2
3PDT
Note: Terminal numbers are on the switch
* Standard Hardware: AT503M Face Hex Nut, AT506 Locking Ring, AT508 Lockwasher, AT527M Backup Hex Nut. See Accessories & Hardware section.
Keyway M12 P1
6 9 3
M4.5x6
(12.5) Dia .492
28 (12.0) Typ .472 (6.1) Dia .240
5 8 7 4 2 1
(42.0) 1.654
(9.0) .354 (3.0) Dia .118
(14.5) Typ .571
(22.0) .866 (12.0) .472 (34.0) 1.339
(43.0) 1.693
S833
S831 does not have terminals 1, 4 & 7
Maximum Panel Thickness: .177" (4.5mm) 03-07
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com
High Capacity Standard Size Toggles
DOUBLE & THREE POLE WITH SCREW LUG & FLATTED LEVER
Toggle Position/Connected Terminals Down Model S821D S822D S823D Throw & Schematics: S831D S832D S833D Throw & Schematics:
R R R
Series S
Inductive L/R = 3ms
Electrical Capacity Resistive
DC 30V DC 48V DC 125V DC 250V
Center
Up
Approvals
R
Pole & Throw DPST DPDT DPDT ON ON ON
2
Keyway
DC 24V
DC 48V
DC 125V
DC 250V
2-3 5-6 2-3 5-6 2-3 5-6
(COM) 6 5
NONE NONE OFF
OFF ON ON DPDT
-- 2-1 5-4 2-1 5-4
2 3
30A 30A 30A
(COM) 1 6
30A 30A 30A
5
15A 15A 15A
7.5A 7.5A 7.5A
15A 15A 15A
10A 10A 10A
6A 6A 6A
3A 3A 3A
R
R
R
R
DPST
3
4
Note: Terminal numbers are on the switch 7.5A 7.5A 7.5A 15A 15A 15A 10A 10A 10A 6A 6A 6A 3A 3A 3A
3PST 3PDT 3PDT
2
ON 2-3 5-6 8-9 ON 2-3 5-6 8-9 ON 2-3 5-6 8-9
5 6 (COM) 9 8
NONE NONE OFF
OFF
--
30A 30A 30A
5 1 6
30A 30A 30A
(COM) 4 9
15A 15A 15A
8 7
R
R
ON 2-1 5-4 8-7 ON 2-1 5-4 8-7 3PDT
2 3
R
R
3PST
3
Note: Terminal numbers are on the switch
* Standard Hardware: AT503M Face Hex Nut, AT506 Locking Ring, AT508 Lockwasher, AT527M Backup Hex Nut. See Accessories & Hardware section.
Keyway
M12 P1
Double Pole
M4.5x6
6
3
(12.5) Dia .492 (42.0) 1.654 (9.0) .354 (3.0) Dia .118
28 (12.0) Typ .472 (4.0) .157 (8.15) .321
5 4 2 1
(12.0) .472
(9.0) .354
(27.0) 1.063
(12.0) .472
(34.0) 1.339
(24.0) .945
S821D does not have terminals 1 & 4 Three Pole
Keyway
Maximum Panel Thickness: .177" (4.5mm)
6 9 3
5 8 7 4 2 1
(42.0) 1.654
(14.5) Typ .571 (9.0) .354 (43.0) 1.693
S832D
S831D does not have terminals 1, 4 & 7 Positive (+) must be connected to end terminals & negative to common terminals
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com
03-07
High Capacity Standard Size Toggles
DOUBLE POLE WITH SCREW LUG
Toggle Position/Connected Terminals Down Model S732 Throw & Schematics: Approvals -- -- Pole & Throw DPDT ON
2
Keyway
Series S
Inductive
DC 30V AC 125V PF 0.6
Electrical Capacity Resistive
AC 125V AC 250V
Center
Up
2-3 5-6
(COM) 1 6 5
NONE
ON
2-1 5-4
50A
30A
50A
25A
DPDT
3 4
Note: Terminal numbers are on the switch
* Standard Hardware: AT503M Face Hex Nut, AT506 Locking Ring, AT508 Lockwasher, AT527M Backup Hex Nut. See Accessories & Hardware section.
Keyway
M4 x 10
M6 x 8
M12 P1 (17.0) Typ .669 (50.0) 1.969 32
6
3
5
2
(60.0) 2.362
4
1
(10.0) Dia .394
(38.0) 1.496
(29.5) 1.161
(10.0) .394
(39.0) 1.535
(18.0) .709
Cap of phenolic resin is black
Panel Mount with Mounting Screws
(4.5) Dia Typ .177 (12.5) Dia .492
(25.0) Typ .984
Maximum Panel Thickness: .158" (4.0mm)
Panel Mount with Bushing Hardware
(12.5) Dia .492 (9.0) .354 (3.0) Dia .118 (12.5) Dia .492 (11.5) .453 (12.5) Dia .492 (1.5) .060
S732
Maximum Panel Thickness: .079" (2.0mm)
Maximum Panel Thickness: .118" (3.0mm)
Maximum Panel Thickness: .118" (3.0mm)
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com
03-07


▲Up To Search▲   

 
Price & Availability of S823

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X